Part Number Hot Search : 
L1507 240128 MCH2815D 0X43X BGU8010 F7805Q 240128 ASI10668
Product Description
Full Text Search
 

To Download SF801G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? high efficiency, low vf ? high current capavility ? high reliability ? high surge current capability sf80xg = specific device code g = green compound y = year ww = work week maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol sf 801g sf 802g sf 803g sf 804g sf 805g sf 806g sf 807g sf 808g units v rrm 50 100 150 200 300 400 500 600 v v rms 35 70 105 140 210 280 350 480 v v dc 50 100 150 200 300 400 500 600 v ua ua trr ns cj pf r jc o c/w t j o c t stg o c v maximum instantaneous forward voltage (note 1) @ 4 a v f 0.975 1.3 a peak forward surge current, 8.3 ms single half sine- wave superimposed on rated load (jedec method) i fsm 125 a ? for use in low voltage, high frequency inventor, free wheeling, and polarity protection application maximum average forward rectified current i f(av) 8 ? epoxy: ul 94v-0 rate flame retardant ? high temperature soldering guaranteed: 260 o c/10 seconds 16".,(4.06mm) from case. ? case: to-220ab molded plastic 70 50 3.0 1.7 35 10 400 maximum dc reverse current @ t a =25 at rated dc blocking voltage @ t a =100 version:e11 typical junction capacitance (note 3) dimensions in inches and (millimeters) maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage ? polarity: as marked ? terminals: pure tin plated, lead free. solderable per mil-std-202, method 208 guaranteed SF801G - sf808g 8.0amps. glass passivated super fast rectifiers marking diagram to-220ab ? low power loss. i r features note 2: reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a. note 1: pulse test with pw=300 usec, 1% duty cycle maximum reverse recovery time (note 2) - 65 to + 150 ? green compound with suffix "g" on packing code & prefix "g" on datecode. mechanical data ? weight: 1.90 grams typical thermal resistance type number operating temperature range t j storage temperature range t stg - 65 to + 150 note 3: measured at 1 mhz and applied reverse voltage of 4.0 v d.c. pb rohs compliance rohs compliance
version:e11 ratings and characteristic curves (SF801G thru sf808g) fig.1- maximum forward current derating curve 0 2 4 6 8 10 0 50 100 150 case temperature ( o c) average forward a current (a) fig. 3- maximum non-repetitive forward surge current 0 30 60 90 120 150 1 10 100 number of cycles at 60 hz peak forward surge a current. (a) 8.3ms single half sine wave jedec method ta=2 5 0.1 1 10 100 1000 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) instantaneous reverse current. (ua) ta=25 ta=100 40 50 60 70 80 90 100 1 10 100 1000 reverse voltage. (v) capacitance (pf) ta=25 o SF801G~sf804g sf805g~sf808 fig. 5- typical forward characterisrics 0.01 0.1 1 10 100 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 forward voltage. (v) instantaneous forward current. (a) ta=25 o c pulse width=300us 1% duty cycle SF801G~sf804g sf805g~sf806g sf807g~sf808


▲Up To Search▲   

 
Price & Availability of SF801G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X